Part Number Hot Search : 
MP7745DF 252153B C114E UPD16307 1N916B PE6821 139RPFI N93205
Product Description
Full Text Search
 

To Download SUM110N08-07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUM110N08-07
New Product
Vishay Siliconix
N-Channel 75-V (D-S) MOSFET
FEATURES PRODUCT SUMMARY
V(BR)DSS (V)
75
D TrenchFETr Power MOSFET D New Low Thermal Resistance Package rDS(on) (W) ID (A)
110
APPLICATIONS
D Automotive - Boardnet 42-V EPS and ABS - Motor Drives D High Current D DC/DC Converters
0.007 @ VGS = 10 V
D
TO-263
G
G
DS S N-Channel MOSFET
Top View SUM110N08-07
ABSOLUTE MAXIMUM RATINGS (TC = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 175_C) _ Pulsed Drain Current Avalanche Current Repetitive Avalanche Energya Maximum Power Dissipationa Operating Junction and Storage Temperature Range L = 0.1 mH TC = 25_C TA = 25_Cd TC = 25_C TC = 125_C
Symbol
VDS VGS ID IDM IAR EAR PD TJ, Tstg
Limit
75 "20 110 63 350 75 280 200b 3.7 -55 to 175
Unit
V
A
mJ W _C
THERMAL RESISTANCE RATINGS
Parameter
Junction-to-Ambient Junction-to-Case Notes a. Duty cycle v 1%. b. See SOA curve for voltage derating. c. When mounted on 1" square PCB (FR-4 material). Document Number: 71829 S-21863--Rev. C, 21-Oct-02 www.vishay.com PCB Mountc
Symbol
RthJA RthJC
Limit
40 0.75
Unit
_C/W _
1
SUM110N08-07
Vishay Siliconix
New Product
SPECIFICATIONS (TJ =25_C UNLESS OTHERWISE NOTED)
Parameter Static
Drain-Source Breakdown Voltage Gate-Threshold Voltage Gate-Body Leakage V(BR)DSS VGS(th) IGSS VDS = 0 V, ID = 250 mA VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "20 V VDS = 60 V, VGS = 0 V Zero Gate Voltage Drain Current IDSS VDS = 60 V, VGS = 0 V, TJ = 125_C VDS = 60 V, VGS = 0 V, TJ = 175_C On-State Drain Currenta ID(on) VDS w 5 V, VGS = 10 V VGS = 10 V, ID = 30 A Drain-Source On-State Resistancea rDS(on) VGS = 10 V, ID = 30 A, TJ = 125_C VGS = 10 V, ID = 30 A, TJ = 175_C Forward Transconductancea gfs VDS = 15 V, ID = 30 A 30 120 0.0055 0.007 0.013 0.017 S W 75 V 2.5 4.0 "100 1 50 250 A m mA nA
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Chargec Gate-Source Chargec Gate-Drain Chargec Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf VDD = 35 V, RL = 0.4 W ID ^ 85 A, VGEN = 10 V, RG = 2.5 W VDS = 35 V, VGS = 10 V, ID = 110 A VGS = 0 V, VDS = 25 V, f = 1 MHz 5250 700 310 90 24 27 20 100 45 75 30 150 70 115 ns 165 nC pF
Turn-On Delay Timec Rise Timec Turn-Off Delay Timec Fall Timec
Source-Drain Diode Ratings and Characteristics (TC = 25_C)b
Continuous Current Pulsed Current Forward Voltagea Reverse Recovery Time Peak Reverse Recovery Current Reverse Recovery Charge IS ISM VSD trr IRM(REC) Qrr IF = 85 A, di/dt = 100 A/ms m IF = 110 A, VGS = 0 V 1.0 75 3.5 0.13 110 350 1.5 120 7 0.30 A V ns A mC
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing. c. Independent of operating temperature.
www.vishay.com
2
Document Number: 71829 S-21863--Rev. C, 21-Oct-02
SUM110N08-07
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
250 VGS = 10 thru 6 V 200 I D - Drain Current (A) I D - Drain Current (A) 160 200
Vishay Siliconix
Transfer Characteristics
150
120
100 5V 50
80 TC = 125_C 40 25_C -55 _C
0 0 2 4 6 8 10
0 0 1 2 3 4 5 6
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Transconductance
200 TC = -55_C 25_C r DS(on) - On-Resistance ( W ) 160 g fs - Transconductance (S) 0.008 0.010
On-Resistance vs. Drain Current
VGS = 10 V 0.006
120
125_C
80
0.004
40
0.002
0 0 15 30 45 60 75 90
0.000 0 20 40 60 80 100 120
ID - Drain Current (A)
ID - Drain Current (A)
Capacitance
8000 7000 V GS - Gate-to-Source Voltage (V) 6000 5000 4000 3000 2000 1000 0 0 15 30 45 60 75 Ciss 16 20
Gate Charge
VDS = 35 V ID = 85 A
C - Capacitance (pF)
12
8
Crss
Coss
4
0 0 30 60 90 120 150 180
VDS - Drain-to-Source Voltage (V) Document Number: 71829 S-21863--Rev. C, 21-Oct-02
Qg - Total Gate Charge (nC) www.vishay.com
3
SUM110N08-07
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Junction Temperature
2.5 VGS = 10 V ID = 30 A r DS(on) - On-Resistance (W) (Normalized) 2.0 I S - Source Current (A) 100
Source-Drain Diode Forward Voltage
1.5
TJ = 150_C 10
TJ = 25_C
1.0
0.5
0.0 -50
-25
0
25
50
75
100
125
150
175
1 0
0.3
0.6
0.9
1.2
TJ - Junction Temperature (_C)
VSD - Source-to-Drain Voltage (V)
Avalanche Current vs. Time
1000 100
Drain Source Breakdown vs. Junction Temperature
94 100 V (BR)DSS (V) I Dav (a) 88
ID = 250 mA
10
IAV (A) @ TA = 25_C
82 1 76 IAV (A) @ TA = 150_C 0.1 0.00001 0.0001 0.001 0.01 0.1 1 70 -50
-25
0
25
50
75
100
125
150
175
tin (Sec)
TJ - Junction Temperature (_C)
www.vishay.com
4
Document Number: 71829 S-21863--Rev. C, 21-Oct-02
SUM110N08-07
New Product
THERMAL RATINGS
Maximum Avalanche and Drain Current vs. Case Temperature
120 1000
Vishay Siliconix
Safe Operating Area
100 100 I D - Drain Current (A) 80 I D - Drain Current (A) Limited by rDS(on)
100, 10 ms 1 ms
60
10
10 ms 100 ms dc
40
1 20
TC = 25_C Single Pulse
0 0 25 50 75 100 125 150 175
0.1 0.1 1 10 100
TC - Ambient Temperature (_C)
VDS - Drain-to-Source Voltage (V)
Normalized Thermal Transient Impedance, Junction-to-Case
2 1 Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2
0.1 0.1 0.05 0.02 Single Pulse
0.01 10- 4
10- 3
10- 2
10- 1
1
10
Square Wave Pulse Duration (sec)
Document Number: 71829 S-21863--Rev. C, 21-Oct-02
www.vishay.com
5


▲Up To Search▲   

 
Price & Availability of SUM110N08-07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X